Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download XC2C512-6PQ208C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0
R
XC2C512 CoolRunner-II CPLD
0 0
DS096 (v1.0) July 19, 2002
Advance Product Specification
Features
* Optimized for 1.8V systems - As fast as 6.0 ns pin-to-pin delays - As low as 30 A quiescent current Industry's best 0.18 micron CMOS CPLD - Optimized architecture for effective logic synthesis - Multi-voltage I/O operation -- 1.5V to 3.3V Available in multiple package options - 208-pin PQFP with 173 user I/O - 256-ball FT (1.0mm) BGA with 212 user I/O - 324-ball FG (1.2mm) BGA with 270 user I/O Advanced system features - Fastest in system programming * 1.8V ISP using IEEE 1532 (JTAG) interface - IEEE1149.1 JTAG Boundary Scan Test - Optional Schmitt-trigger input (per pin) - Unsurpassed low power management - Four seperate output banks - Fast Zero PowerTM (FZP) 100% CMOS product term generation - DataGATE enable (DGE) signal control - Flexible clocking modes * Optional DualEDGE triggered registers * Clock divider (divide by 2,4,6,8,10,12,14,16) * CoolCLOCK - Global signal options with macrocell control * Multiple global clocks with phase selection per macrocell * Multiple global output enables * Global set/reset - Advanced design security - Open-drain output option for Wired-OR and LED drive - Optional bus-hold, 3-state or weak pullup on selected I/O pins - Optional configurable grounds on unused I/Os - Mixed I/O voltages compatible with 1.5V, 1.8V, 2.5V, and 3.3V logic levels * SSTL2-1, SSTL3-1, and HSTL-1 I/O compatibility - Hot pluggable
Description
The CoolRunner-II 512-macrocell device is designed for both high performance and low power applications. This lends power savings to high-end communication equipment and high speed to battery operated devices. Due to the low power stand-by and dynamic operation, overall system reliability is improved This device consists of thirty two Function Blocks inter-connected by a low power Advanced Interconnect Matrix (AIM). The AIM feeds 40 true and complement inputs to each Function Block. The Function Blocks consist of a 40 by 56 P-term PLA and 16 macrocells which contain numerous configuration bits that allow for combinational or registered modes of operation. Additionally, these registers can be globally reset or preset and configured as a D or T flip-flop or as a D latch. There are also multiple clock signals, both global and local product term types, configured on a per macrocell basis. Output pin configurations include slew rate limit, bus hold, pull-up, open drain and programmable grounds. A Schmitt-trigger input is available on a per input pin basis. In addition to storing macrocell output states, the macrocell registers may be configured as "fast input" registers to store signals directly from input pins. Clocking is available on a global or Function Block basis. Three global clocks are available for all Function Blocks as a synchronous clock source. Macrocell registers can be individually configured to power up to the zero or one state. A global set/reset control line is also available to asynchronously set or reset selected registers during operation. Additional local clock, synchronous clock-enable, asynchonous set/reset and output enable signals can be formed using product terms on a per-macrocell or per-Function Block basis. A DualEDGE flip-flop feature is also available on a per macrocell basis. This feature allows high performance synchronous operation based on lower frequency clocking to help reduce the total power consumption of the device. Circuitry has also been included to divide one externally supplied global clock (GCK2) by eight different selections. This yields divide by even and odd clock frequencies. The use of the clock divide (division by 2) and DualEDGE flip-flop gives the resultant CoolCLOCK feature. DataGATE is a method to selectively disable inputs of the CPLD that are not of interest during certain points in time.
*
*
*
Refer to the CoolRunnerTM-II family data sheet for architecture description.
(c) 2002 Xilinx, Inc. All rights reserved. All Xilinx trademarks, registered trademarks, patents, and disclaimers are as listed at http://www.xilinx.com/legal.htm. All other trademarks and registered trademarks are the property of their respective owners. All specifications are subject to change without notice.
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
1
XC2C512 CoolRunner-II CPLD By mapping a signal to the DataGATE function, lower power can be achieved due to reduction in signal switching. Another feature that eases voltage translation is output banking. Four output banks are available on the CoolRunner-II 512 macrocell device that permits easy interfacing to 3.3V, 2.5V, 1.8V, and 1.5V devices. The CoolRunner-II 512 macrocell CPLD is I/O compatible with various JEDEC I/O standards (see Table 1). This device is also 1.5V I/O compatible with the use of Schmitt-trigger inputs.
R
Supported I/O Standards
The CoolRunner-II 512 macrocell features LVCMOS, LVTTL, SSTL, and HSTL I/O implementations. See Table 1 for I/O standard voltages. The LVTTL I/O standard is a general purpose EIA/JEDEC standard for 3.3V applications that use an LVTTL input buffer and Push-Pull output buffer. The LVCMOS standard is used in 3.3V, 2.5V, 1.8V applications. Both HSTL and SSTL I/O standards make use of a VREF pin for JEDEC compliance. CoolRunner-II CPLDs are also 1.5V I/O compatible with the use of Schmitt-trigger inputs. Table 1: I/O Standards for XC2C512 Output VCCIO 3.3 3.3 2.5 1.8 1.5 1.5 2.5 3.3 Input VCCIO 3.3 3.3 2.5 1.8 1.5 1.5 2.5 3.3 Input VREF N/A N/A N/A N/A N/A 0.75 1.25 1.5 Board Termination Voltage VTT N/A N/A N/A N/A N/A 0.75 1.25 1.5
Fast Zero Power Design Technology
Xilinx CoolRunner-II CPLDs are fabricated on a 0.18 micron process technology which is derived from leading edge FPGA product development. CoolRunner-II CPLDs employ Fast Zero PowerTM (FZP), a design technique that makes use of CMOS technology in both the fabrication and design methodology. FZP design technology employs a cascade of CMOS gates to implement sum of products instead of traditional sense amplifier methodology. Due to this technology, Xilinx CoolRunner-II CPLDs achieve both high-performance and low power operation.
I/O Types LVTTL LVCMOS33 LVCMOS25 LVCMOS18 1.5V I/O HSTL-1 SSTL2-1 SSTL3-1
20
15
ICC (mA)
10
5
0 0 25 50 75 100 125 150 175 200 225
DS096_01_053102
Frequency (MHz)
Figure 1: ICC vs Frequency Table 2: ICC vs Frequency (LVCMOS 1.8V TA = 25C) (1) Frequency (MHz) 0 Typical -7.5, -10 ICC (mA) Typical -6 ICC (mA)
Notes: 1. 16-bit up/down, resettable binary counter (one counter per function block).
25
50
75
100
150
175
200
225
2
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
Absolute Maximum Ratings
Symbol VCC VCCIO VJTAG VAUX VIN VTS TSTG TJ Description Supply voltage relative to ground Supply voltage for output drivers JTAG input voltage limits JTAG input supply voltage Input voltage relative to ground(1) Voltage applied to 3-state output(1) Value -0.5 to 2.0 -0.5 to 4.0 -0.5 to 4.0 -0.5 to 4.0 -0.5 to 4.0 -0.5 to 4.0 -65 to +150 +150 Units V V V V V V C C
Storage Temperature (ambient) Junction Temperature
Notes: 1. Maximum DC undershoot below GND must be limited to either 0.5V or 10 mA, whichever is easiest to achieve. During transitions, the device pins may undershoot to -2.0v or overshoot to +4.5V, provided this over or undershoot lasts less than 10 ns and with the forcing current being limited to 200 mA. 2. For soldering guidelines, see the Packaging Information on the Xilinx website.
Recommended Operating Conditions
Symbol VCC VCCIO Parameter Supply voltage for internal logic and input buffers Commercial TA = 0C to +70C Industrial TA = -40C to +85C Min 1.7 1.7 3.0 2.3 1.7 1.4 1.7 Max 1.9 1.9 3.6 2.7 1.9 1.6 3.6 Units V V V V V V V
Supply voltage for output drivers @ 3.3V operation Supply voltage for output drivers @ 2.5V operation Supply voltage for output drivers @ 1.8V operation Supply voltage for output drivers @ 1.5V operation
VAUX
JTAG programming
DC Electrical Characteristics (Over Recommended Operating Conditions)
Symbol ICCSB ICCSB ICC ICC CJTAG CCLK CIO Parameter Standby current (-7.5, -10) Standby current (-6) Dynamic current (-7.5, -10) Dynamic current (-6) JTAG input capacitance Global clock input capacitance I/O capacitance Test Conditions VCC = 1.9V, VCCIO = 3.6V VCC = 1.9V, VCCIO = 3.6V f = 1 MHz f = 50 MHz f = 1 MHz f = 50 MHz f = 1 MHz f = 1 MHz f = 1 MHz 10 12 10 Min. Max. 100 Units A mA mA mA mA mA pF pF pF
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
3
XC2C512 CoolRunner-II CPLD
R
LVCMOS 3.3V DC Voltage Specifications
Symbol VCCIO VIH VIL VOH Parameter Input source voltage High level input voltage Low level input voltage High level output voltage IOH = -8 mA, VCCIO = 3V IOH = -0.1 mA, VCCIO = 3V VOL Low level output voltage IOL = 8 mA, VCCIO = 3V IOL = 0.1 mA, VCCIO = 3V IIL IIH Input leakage current I/O High-Z leakage VIN = 0V or VCCIO to 3.9V VIN = 0V or VCCIO to 3.9V Test Conditions Min. 3.0 2 -0.3 VCCIO - 0.4V VCCIO - 0.2V -10 -10 Max. 3.6 VCCIO + 0.3V 0.8 0.4 0.2 10 10 Units V V V V V V V A A
LVCMOS 2.5V DC Voltage Specifications
Symbol VCCIO VIH VIL VOH Parameter Input source voltage High level input voltage Low level input voltage High level output voltage IOH = -8 mA, VCCIO = 2.3V IOH = -0.1 mA, VCCIO = 2.3V VOL Low level output voltage IOL = 8 mA, VCCIO = 2.3V IOL = 0.1mA, VCCIO = 2.3V IIL IIH Input leakage current I/O High-Z leakage VIN = 0V or VCCIO to 3.9V VIN = 0V or VCCIO to 3.9V Test Conditions Min. 2.3 1.7 -0.3 VCCIO - 0.4V VCCIO - 0.2V -10 -10 Max. 2.7 3.9 0.7 0.4 0.2 10 10 Units V V V V V V V A A
4
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
LVCMOS 1.8V DC Voltage Specifications
Symbol VCCIO VIH VIL VOH Parameter Input source voltage High level input voltage Low level input voltage High level output voltage IOH = -8 mA, VCCIO = 1.7V IOH = -0.1 mA, VCCIO = 1.7V VOL Low level output voltage IOL = 8 mA, VCCIO = 1.7V IOL = 0.1 mA, VCCIO = 1.7V IIL IIH Input leakage current I/O High-Z leakage VIN = 0 or VCCIO to 3.9V VIN = 0 or VCCIO to 3.9V Test Conditions Min. 1.7 0.65 x VCCIO -0.3 VCCIO - 0.45 VCCIO - 0.2 -10 -10 Max. 1.9 3.9 0.35 x VCCIO 0.45 0.2 10 10 Units V V V V V V V A A
1.5V DC Voltage Specifications(1)
Symbol VCCIO VIH VIL VOH Parameter Input source voltage High level input voltage Low level input voltage High level output voltage IOH = -8 mA, VCCIO = 1.4V IOH = -0.1 mA, VCCIO = 1.4V VOL Low level output voltage IOL = 8 mA, VCCIO = 1.4V IOL = 0.1 mA, VCCIO = 1.4V IIL IIH Input leakage current I/O High-Z leakage VIN = 0 or VCCIO to 3.9V VIN = 0 or VCCIO to 3.9V Test Conditions Min. 1.4 0.7 x VCCIO -0.3 VCCIO - 0.45 VCCIO - 0.2 -10 -10 Max. 1.6 3.9 0.3 0.4 0.2 10 10 Units V V V V V V V A A
Notes: 1. Hysteresis used on 1.5V inputs.
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
5
XC2C512 CoolRunner-II CPLD
R
AC Electrical Characteristics Over Recommended Operating Conditions
-6 Symbol TPD1 TPD2 TSUF TSU1 TSU2 THF TH TCO FTOGGLE(1) FSYSTEM1(2) FSYSTEM2(2) FEXT1(3) FEXT2(3) TPSUF TPSU1 TPSU2 TPHF TPH TPCO TOE/TOD TPOE/TPOD TMOE/TMOD TPAO TAO TSUEC THEC TCW TPCW TDGSU TDGHO TDGR TDGW TCDRSU TCDRHO TCONFIG Parameter Propagation delay (single p-term) Propagation delay (OR array) Fast input register set-up time Setup time fast (single p-term) Setup time (OR array) Fast input register hold time P-term hold time Clock to output Internal toggle rate Maximum system frequency Maximum system frequency Maximum external frequency Maximum external frequency Fast input register p-term clock setup time P-term clock setup time (single p-term) P-term clock setup time (OR array) Fast input register p-term clock hold time P-term clock hold P-term clock to output Global OE to output enable/disable P-term OE to output enable/disable Macrocell driven OE to output enable/disable P-term set/reset to output valid Global set/reset to output valid Register clock enable setup time Register clock enable hold time Global clock pulse width High or Low P-term pulse width High or Low Set-up before DataGATE latch assertion Hold to DataGATE latch assertion DataGATE recovery to new data DataGATE high pulse width CDRST setup time before falling edge GCLK2 Hold time CDRST after falling edge GCLK2 Configuration time Min. 2.2 2.3 2.6 0 0 1.0 1.1 1.4 0.5 0.4 2.4 0 1.2 6.0 7.0 7.0 2.5 1.2 0 Max. 5.7 6.0 4.4 416 217 204 149 143 5.6 5.5 6.5 7.1 7.4 7.2 7.0 Min. 2.4 2.6 3.0 0 0 1.1 1.3 1.7 0.9 0.7 2.7 0 2.0 7.5 9.0 9.0 3.0 1.7 0 -7.5 Max. 7.1 7.5 5.8 250 179 167 119 114 7.1 7.0 8.0 9.1 8.9 9.0 9.0 2.7 3.1 3.9 0 0 1.3 1.7 2.5 1.3 0.9 3.2 0 3.0 10.0 10.0 10.0 5.0 2.5 0 -10 Min. Max. 9.2 10.0 7.8 166 128 116 91 85 9.3 9.2 10.2 12.5 11.6 11.5 11.0 Unit s ns ns ns ns ns ns ns ns MHz MHz MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns us
Notes: 1. FTOOGLE (1/2*TCW) is the maximum frequency of a dual edge triggered T flip-flop with output enabled 2. FSYSTEM1 (1/TCYCLE) is the internal operating frequency for a device fully populated with 16-bit resettable binary counter through one p-term per macrocell while FSYSTEM2 is through the OR array (one counter per function block). 3. FEXT1(1/TSU2+TCO) is the maximum external frequency using one p-term while FEXT2 is through the OR array
6
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
Internal Timing Parameters
-6 Symbol
Buffer Delays
-7.5 Max. 2.5 2.8 1.8 2.8 2.0 2.4 3.5 0.5 0.4 0.3 0.4 0.2 2.0 0 2.8 1.6 0.5 2.0 0.5 2.0 0 2.0 0 2.0 Min. 1.4 0 1.4 0 Max. 3.1 3.4 2.4 3.8 2.7 3.0 4.3 0.6 0.5 0.4 0.5 0.4 2.2 0 3.3 2.0 0.8 3.0 0.8 3.0 0 3.0 0 3.0 Min. 1.8 0 1.8 0 -
-10 Max. 3.8 4.2 3.3 4.6 3.7 3.9 5.5 0.9 0.8 0.8 0.7 0.7 3.0 0 4.5 3.0 1.0 4.0 1.0 4.0 0 4.0 0 4.0 Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Parameter(1) Input buffer delay Fast data register input delay Global Clock buffer delay Global set/reset buffer delay Global 3-state buffer delay Output buffer delay Output buffer enable/disable delay Control term delay Single P-term delay adder Multiple P-term delay adder Input to output valid Setup before clock Hold after clock Enable clock setup time Enable clock hold time Clock to output valid Set/reset to output valid Clock doubler delay Feedback delay Macrocell to global OE delay Standard input adder Hysteresis input adder Output adder Output slew rate adder Standard input adder Hysteresis input adder Output adder Output slew rate adder
Min. 1.2 0 1.2 0 -
TIN TFIN TGCK TGSR TGTS TOUT TEN
P-term Delays
TCT TLOGI1 TLOGI2 TPDI TSUI THI TECSU TECHO TCOI TAOI TCDBL TF TOEM TIN15 THYS15 TOUT15 TSLEW15 TIN18 THYS18 TOUT18 TSLEW
Macrocell Delay
Feedback Delays
I/O Standard Time Adder Delays 1.5V CMOS
I/O Standard Time Adder Delays 1.8V CMOS
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
7
XC2C512 CoolRunner-II CPLD
R
Internal Timing Parameters (Continued)
-6 Symbol TIN25 THYS25 TOUT25 TSLEW25 TIN33 THYS33 TOUT33 TSLEW33 SSTL2-1 Parameter(1) Standard input adder Hysteresis input adder Output adder Output slew rate adder Standard input adder Hysteresis input adder Output adder Output slew rate adder Input adder to TIN, TFIN, TGCK, TGSR,TGTS Output adder to TOUT SSTL3-1 Input adder to TIN, TFIN, TGCK, TGSR,TGTS Output adder to TOUT HSTL-1 Input adder to TIN, TFIN, TGCK, TGSR,TGTS Output adder to TOUT
Notes: 1. 1.5 ns input pin signal rise/fall.
-7.5 Max. 0.5 1.5 1.5 2.0 0.7 1.0 1.0 2.0 1.5 0 1.5 0 1.5 0 Min. Max. 0.8 2.5 2.5 3.0 1.0 2.0 2.0 3.0 1.8 0 1.8 0 1.8 0 Min. -
-10 Max. 1.0 3.0 3.0 4.0 2.0 3.0 3.0 4.0 2.5 0 2.5 0 2.5 0 Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Min. -
I/O Standard Time Adder Delays 2.5V CMOS
I/O Standard Time Adder Delays 3.3V CMOS/TTL
I/O Standard Time Adder Delays HSTL, SSTL
Switching Characteristics
VCC = 1.8V, 25oC
6.0
5.8
TPD_PAL (ns)
5.6
4.4
4.2
4.0 1 2 4 8 12 16
Number of Outputs Switching
DS096_09_053102
8
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
11
Pin Descriptions
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
1(GTS0) 1 1(GTS3) 1 1 1 1 1 1 1 1 1 1(GTS2) 1 1 1(GRS) 2 2 2 2 2 2 2 2 2 2 2 2 2 2(GTS1) 2 2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
7 6 5 4 3 2 208 206 8 9 10 12
D4 B2 E3 C3 D3 B3 B4 C4 A1 D2 C2 E5 B1 E4
C1 C2 B1 B2 D3 C3 A1 A2 D2 D1 F4 F3 E2 E1 F2 G4
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
205 203 202 201 200 199 14 15 16 17 18
A2 C5 A3 E7 A4 C6 B5 C1 E2 F2 E6 F3 D1 G4 E1
B3 C4 B4 C5 B5 A3 A4 D6 A5 G3 G2 G1 H4 H3 H2 H1 J4
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
9
XC2C512 CoolRunner-II CPLD
R
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
198 197 196 195 194 193 192 19 20 21 -
D6 A5 E8 B6 C7 A6 D7 B7 G3 G2 F5 F1 G5
C6 B6 A6 D7 C7 B7 A7 D8 C8 J3 J2 J1 K4 K3 K2 K1 L1
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
191 189 188 187 186 185 184 183 22 23 25 -
E9 A7 D8 B8 C8 A8 E11 E10 H2 H4 G1 H3 H1 H5
B8 A8 D9 C9 B9 A9 D10 C10 B10 L4 L3 L2 M1 M2 M3 M4 N1
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
10
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9(GCK1) 10(CDRST) 10 10(GCK2) 10 10 10 10 10 10 10 10 10 10 10(DGE) 10 10
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
50 49 48 47 46 51 54 55 56 57 58 -
N3 R1 N4 N2 M3 P2 P4 P5 R2 T1 T2 N5
AA2 AB1 AA1 W4 Y3 Y2 W3 Y1 AB2 Y4 AB3 AA4 Y5 AA5 AB4 W6
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
11 11 11(GCK0) 11 11 11 11 11 11 11 11 11 11 11 11 11 12 12 12 12 12 12 12 12 12 12 12 12 12 12 12 12
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
45 44 43 41 40 39 38 60 61 62 63 64 65 66 67 -
P1 M4 M2 L3 N1 L4 M1 L5 R4 M5 R5 R6 N6 R3 -
W2 W1 V3 U4 V2 V1 U3 U2 AB5 Y6 AA6 AB6 W7 Y7 AA7 AB7 W8
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
11
XC2C512 CoolRunner-II CPLD
R
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 14 14 14 14 14 14 14 14 14 14 14 14 14 14 14 14
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
37 36 35 34 32 69 70 71 72 73 -
K4 L2 K3 L1 K5 K2 M6 T3 P6 T4 P7 T5 -
U1 T4 T3 T2 T1 R4 R3 R2 Y8 AA8 AB8 W9 Y9 AA9 AB9 W10 Y1-
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
31 30 29 28 27 74 75 76 77 78 -
J4 K1 J3 J2 J5 J1 N7 R7 M7 T6 -
R1 P4 P3 P2 P1 N4 N3 N2 AA10 AB10 AB11 W11 AA11 Y11 AB12 AA12 Y12
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
12
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
17 17 17 17 17 17 17 17 17 17 17 17 17 17 17 17 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
161 162 163 164 165 166 167 168 169 160 159 158 -
A16 B13 B14 C13 A15 C12 B12 B15 C14 G11 B16 D14 C15
A21 B20 C19 B19 C18 B18 A19 D17 A18 A22 B21 B22 C20 C21 D19 D20 C22
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
19 19 19 19 19 19 19 19 19 19 19 19 19 19 19 19 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
170 171 173 155 154 153 152 151 150
D13 A14 E13 A13 C11 A12 B11 D11 A11 G12 D15 E14 C16 F14 D16 F13 E15
C17 B17 A17 D16 C16 B16 A16 D15 C15 D21 D22 E20 F19 E21 E22 F20 F21
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
13
XC2C512 CoolRunner-II CPLD
R
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
21 21 21 21 21 21 21 12 21 21 21 21 21 21 21 21 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
174 175 178 149 148 147 146 145 144 143 142
D10 B10 E12 F12 G13 F15 G14 E16 H12 F16 H16 -
B15 A15 D14 B14 A14 D13 C13 B13 A13 F22 G19 G20 G21 G22 H19 H20 H21
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
23 23 23 23 23 23 23 23 23 23 23 23 23 23 23 23 24 24 24 24 24 24 24 24 24 24 24 24 24 24 24 24
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
179 180 182 140 139 138 137 136 135 134 -
B9 C9 C10 A9 D9 G15 H13 G16 H14 H15 J12 K12 J16
A12 D12 B12 C12 A11 B11 C11 D11 A10 H22 J19 J20 J21 J22 K19 K20 K21
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
14
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 26 26 26 26 26 26 26 26 26 26 26 26 26 26 26 26
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
110 111 112 113 114 115 116 117 109 108 107 106 103 102 101 100
R16 N15 M15 M13 P16 N16 L14 M14 N14 T16 R15 P15 P14 P13 R13 N13 R14
W22 V20 V21 U19 V22 U20 U21 U22 Y22 W21 W20 Y21 Y20 AA22 AB22 AA21 AB21
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 27 28 28 28 28 28 28 28 28 28 28 28 28 28 28 28 28
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
118 119 120 121 99 97 95 -
L15 L13 M12 M16 K14 T15 R12 T14 N11 P11 M11 T13 N10 -
T19 T20 T21 T22 R19 R20 R21 R22 W19 AA20 Y18 AA19 W17 Y17 AA18 AB18 AA17
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
15
XC2C512 CoolRunner-II CPLD
R
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
Pin Descriptions (Continued)
Function Block Macrocell PQ208 FT256 FG324 I/O Bank
29 29 29 29 29 29 29 29 29 29 29 29 29 29 29 29 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
122 123 125 91 90 89 88 87 86
L16 K15 L12 T12 P10 T11 R10 M10 T10 M9 R9
P19 P20 P21 P22 N19 N21 N22 M22 AB17 W16 Y16 AA16 AB16 W15 Y15 AA15 AB15
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
31 31 31 31 31 31 31 31 31 31 31 31 31 31 31 31 32 32 32 32 32 32 32 32 32 32 32 32 32 32 32 32
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
126 127 128 131 85 84 83 82 80 -
K16 J14 J15 J13 P9 N9 T9 M8 T8 P8 R8 T7 N8
M19 M20 M21 L22 L21 L20 L19 K22 W14 Y14 AA14 AB14 W13 Y13 AA13 AB13 W12
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
Notes: 1. GTS = global output enable, GSR = global reset/set, GCK = global clock, CDRST = clock divide reset, DGE = DataGATE enable.
16
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
XC2C512 JTAG, Power/Ground, No Connect Pins and Total User I/O
Pin Type TCK TDI TDO TMS VAUX (JTAG supply voltage) Power internal (VCC) Power Bank 1 I/O (VCCIO1) Power Bank 2 I/O (VCCIO2) Power Bank 3 I/O (VCCIO3) Power Bank 4 I/O (VCCIO4) Ground PQ208 98 94 176 96 11 1, 53, 124 33,59,79 26, 204 92, 105, 132 133, 157, 172, 181 13, 24, 42, 52, 68, 81, 93, 104, 129, 130, 141, 156, 177, 190, 207 FT256 P12 R11 A10 N12 F4 P3, K13, D12, D5 J6, K6, L7, L8 F7, F8, G6, H6 J11, K11, L9, L10 F9, F10, H11 F6, F11, G7, G8, G9, G10, H7, H8, H9, H10, J7, J8, J9, J10, K7, K8, K9, K10, L6, L11 FG324 Y19 AB19 C14 AB20 F1 E3, AA3, N20, A20, D4 M9, N9, P10, P11 J10,J11, K9, L9 M14, N14, P12, P13 J12, J13, K14, L14 D5, D18, E4, E19, J9, J14, K10, K11, K12, K13, L10, L11, L12, L13, M10, M11, M12, M13, N10, N11, N12, N13, P9, P14, V4, V19, W5, W18 270
No connects Total user I/O (includes dual function pins)
173
212
Ordering Information
JA (C/Watt) 35.1 35.1 35.1 32.2 32.2 32.2 39.1 39.1 39.1 35.1 32.2 39.1 JC (C/Watt) 7.2 7.2 7.2 4.9 4.9 4.9 5.0 5.0 5.0 7.2 4.9 5.0 Commercial (C) I/O 173 173 173 212 212 212 270 270 270 173 212 270 Industrial (I) C C C C C C C C C I I I
Part Number XC2C512-6PQ208 XC2C512-7PQ208 XC2C512-10PQ208 XC2C512-6FT256 XC2C512-7FT256 XC2C512-10FT256 XC2C512-6FG324 XC2C512-7FG324 XC2C512-10FG324 XC2C512-10PQ208 XC2C512-10FT256 XC2C512-10FG324
Pin/Ball Spacing 0.5mm 0.5mm 0.5mm 1.0mm 1.0mm 1.0mm 1.0mm 1.0mm 1.0mm 0.5mm 1.0mm 1.0mm
Package Type Plastic Quad Flat Pack Plastic Quad Flat Pack Plastic Quad Flat Pack Fine Pitch Thin BGA Fine Pitch Thin BGA Fine Pitch Thin BGA Fine Pitch BGA Fine Pitch BGA Fine Pitch BGA Plastic Quad Flat Pack Fine Pitch Thin BGA Fine Pitch BGA
Package Dimensions 28mm x 28mm 28mm x 28mm 28mm x 28mm 17mm x 17mm 17mm x 17mm 17mm x 17mm 23mm x 23mm 23mm x 23mm 23mm x 23mm 28mm x 28mm 17mm x 17mm 23mm x 23mm
Notes: 1. C = Commercial (TA = 0C to +70 C); I = Industrial (TA = -40C to +85C).
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
17
XC2C512 CoolRunner-II CPLD
R
VCC I/O I/O(1) I/O I/O(1) I/O I/O(1) I/O I/O(1) I/O VAUX I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O VCCIO2 I/O I/O I/O I/O I/O I/O VCCIO1 I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O(2) I/O I/O(2) I/O I/O I/O I/O I/O(4) GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
208 207 206 205 204 203 202 201 200 199 198 197 196 195 194 193 192 191 190 189 188 187 186 185 184 183 182 181 180 179 178 177 176 175 174 173 172 171 170 169 168 167 166 165 164 163 162 161 160 159 158 157
I/O GND I/O(3) I/O VCCIO2 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O I/O I/O I/O I/O I/O I/O VCCIO4 I/O I/O I/O GND TDO I/O I/O I/O VCCIO4 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCIO4
PQ208 Top View
156 155 154 153 152 151 150 149 148 147 146 145 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105
18
VCC I/O I/O(2) I/O I/O I/O(5) VCCIO1 I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCIO1 I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCIO3 GND TDI I/O TMS I/O TCK I/O I/O I/O I/O I/O GND
53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104
GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O I/O I/O I/O I/O I/O VCCIO4 VCCIO3 I/O GND GND I/O I/O I/O I/O VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCIO3
(1) - Global Output Enable (2) - Global Clock (3) - Global Set/Reset (4) - Clock Divide Reset (5) - DataGATE Enable
Figure 2: PQ208 Plastic Quad Flat Pack
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
R
XC2C512 CoolRunner-II CPLD
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TDO
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
A B C D E F G H J K L M N P R T
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O(3)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
VCC
I/O
I/O
I/O
I/O
I/O
I/O
VCC
I/O(1)
I/O(1)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O(1)
I/O
I/O(1)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
VCCIO4 VCCIO4 VCCIO2 VCCIO2
GND
I/O
VAUX
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
GND
GND
GND
VCCIO2
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
VCCIO4
GND
GND
GND
GND
VCCIO2
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
VCCIO3
GND
GND
GND
GND
VCCIO1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
VCC
I/O
VCCIO3
GND
GND
GND
GND VCCIO1
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
VCCIO3 VCCIO3 VCCIO1 VCCIO1
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O(2)
I/O(2)
I/O
I/O
I/O
I/O
I/O
TMS
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TCK
I/O
I/O
I/O
I/O
I/O
I/O
I/O(2)
I/O
VCC
I/O(4)
I/O
I/O
I/O
I/O
I/O
I/O
TDI
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O(5)
I/O
FT256 Bottom View
(1) - Global Output Enable (2) - Global Clock (3) - Global Set/Reset (4) - Clock Divide Reset (5) - DataGATE Enable
Figure 3: FT256 Fine Pitch Thin BGA
DS096 (v1.0) July 19, 2002 Advance Product Specification
www.xilinx.com 1-800-255-7778
19
XC2C512 CoolRunner-II CPLD
R
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
I/O(3) I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O(4)
A B C D E F G H J K L M N P R T U V W Y AA AB
I/O
I/O
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O(1) I/O(1)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TDO
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
VCC
I/O(1)
I/O
I/O
I/O
I/O
GND
GND
VCC
I/O(1)
I/O
I/O
I/O
I/O
I/O
I/O
VAUX
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
VCCIO4 VCCIO4 VCCIO2 VCCIO2
GND
I/O I/O
I/O I/O
I/O I/O
I/O
I/O
I/O
I/O
VCCIO4 VCCIO4
GND
GND
GND
GND
VCCIO2 VCCIO2
I/O
I/O
I/O
I/O
GND
GND
GND
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
VCCIO3
GND
GND
GND
GND
VCCIO1
I/O I/O
I/O I/O
I/O I/O
I/O
I/O
VCC
I/O
VCCIO3
GND
GND
GND
GND
VCCIO1
I/O
I/O
I/O
I/O
GND
VCCIO3 VCCIO3 VCCIO1 VCCIO1
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND I/O I/O I/O
GND
I/O(2)
I/O
I/O
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
I/O
I/O
TCK
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O(2)
I/O I/O
I/O I/O
I/O TMS
I/O TDI
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O I/O
I/O(5) I/O
I/O I/O
VCC I/O(2)
I/O I/O
FG324 Bottom View
(1) - Global Output Enable (2) - Global Clock (3) - Global Set/Reset (4) - Clock Divide Reset (5) - DataGATE Enable
Figure 4: FG3234 Fine Pitch BGA
Revision History
The following table shows the revision history for this document. Date 07/19/02 Version 1.0 Initial Xilinx release. Revision
20
www.xilinx.com 1-800-255-7778
DS096 (v1.0) July 19, 2002 Advance Product Specification
1


▲Up To Search▲   

 
Price & Availability of XC2C512-6PQ208C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X